PART |
Description |
Maker |
ST2100C..RSERIES ST2100C42R3L ST2100C30R0 ST2100C3 |
3850 A, 3400 V, SCR 3850 A, 3000 V, SCR 3850 A, 3800 V, SCR 3850 A, 4000 V, SCR 4000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3600V 1770A Phase Control SCR in a A-36 (R-Puk) package 3800V 1770A Phase Control SCR in a A-36 (R-Puk) package 3000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3200V 1770A Phase Control SCR in a A-36 (R-Puk) package 4200V 1770A Phase Control SCR in a A-36 (R-Puk) package PHASE CONTROL THYRISTORS DIODE ZENER DUAL COMMON-ANODE 300mW 36Vz 5mA-Izt 0.05 0.1uA-Ir 27 SOT-23 3K/REEL 相位控制晶闸
|
IRF[International Rectifier] International Rectifier, Corp.
|
C350PM C350M C350N C350P C350PB C350PD |
Phase Control SCR 115 Amperes Avg 500-1300 Volts Phase Control SCR 115 Amperes Average 1600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
16TTS08S 16TTS08STRL 16TTS08STRR 16TTS16STRR 16TTS |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 12000A条相控制可控硅的一D2 - PAK封装 800V 10A Phase Control SCR in a D2-Pak package 1600V 10A Phase Control SCR in a D2-Pak package 1200V 10A Phase Control SCR in a D2-Pak package CAT5E 350MHZ PATCH CORD, 10 FT BEIGE SURFACE MOUNTABLE PHASE CONTROL SCR 表面贴装相位控制可控
|
IDEC, Corp. International Rectifier, Corp.
|
T820900A T820149004DH T820129004DH |
1200V, 900A phase control single thyristor Phase Control SCR 900 Amperes Average 1600 Volts Phase Control SCR (900 Amperes Average 1600 Volts) 1400V, 900A phase control single thyristor
|
POWEREX[Powerex Power Semiconductors]
|
C430TX555 C430EX555 C430MX555 C430NX555 C430PAX555 |
240 x 128 pixel format, STN Blue CAP 0.01UF 200V 200V X7R RAD.20 .30X.30 BULK R-MIL-PRF-39014 STANDOFF Phase Control SCR 760 Amperes Avg 500-1300 Volts 相位控制晶闸管七百六十安培平500-1300伏特 Phase Control SCR 760 Amperes Avg 500-1300 Volts 相位控制晶闸管七百六十安培平00-1300伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
111RIA80 110RIA 110RIA120 110RIA80 111RIA 111RIA12 |
Silicon Controlled Rectifier, 172 A, 800 V, SCR, TO-209AC, METAL GLASS, TO-94, 3 PIN 800V 110A Phase Control SCR in a TO-209AC (TO-94) package 1200V 110A Phase Control SCR in a TO-209AC (TO-94) package 400V 110A Phase Control SCR in a TO-209AC (TO-94) package PHASE CONTROL THYRISTORS From old datasheet system
|
Vishay Semiconductors IRF[International Rectifier]
|
CR8AM400-12 CR8AM400-8 CR8AM CR8AM600-12 CR8AM600- |
Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts 铅安装,相位控制晶闸8 Amperes/400-600伏特 Lead-mount/ Phase Control SCR 8 Amperes/400-600 Volts
|
Powerex, Inc. Sumida, Corp. POWEREX[Powerex Power Semiconductors]
|
C390X555 C390MX555 C390NX555 C390PBX555 C390PX555 |
Phase Control SCR 590 Amperes Average 1200 Volts 925 A, 800 V, SCR KPTC 4C 4#20 PIN RECP
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
T7300135 T7300145 T7300155 T7300235 T7300245 T7300 |
Phase Control SCR (350-550 Amperes Avg 100-2200 Volts) 第一阶段控制晶闸管(350-550安培平均100-2200伏特
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
C390TX555 C390EX555 C390MX555 C390NX555 C390PAX555 |
240 x 128 pixel format, STN Blue Phase Control SCR 590 Amperes Avg 500-1200 Volts 925 A, 600 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
FT500A FT500A-16 FT500A-20 FT500A-24 FT500A-28 FT5 |
Phase Control SCR 400 Amperes Avg 800-2500 Volts 相位控制晶闸管四百安培平00-2500伏特 Phase Control SCR 400 Amperes Avg 800-2500 Volts 相位控制晶闸管四百安培平800-2500伏特
|
Powerex Power Semiconductor... Powerex Power Semiconductors Powerex, Inc.
|